PART |
Description |
Maker |
2SD1816S-TL-E 2SD1816S-H 2SD1816S-E 2SD1816S-TL-H |
Bipolar Transistor Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
|
ON Semiconductor
|
STRS6703 STRS6704 STR-S6703 STR-S6704 |
Off-Line Switching Regulator With Bipolar Switching Transistor(峰值输出电2A,输出功率直40W00V输出,带双极开关晶体管的脱线开关稳压器) (STRS6703 / STRS6704) OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
|
Allegro MicroSystems, Inc.
|
MJD18002D2-D |
Bipolar NPN Transistor High Speed, High Gain Bipolar NPN Power Transistor with Integrated Collector-Emitter Diode and Built-In Efficient Antisaturation Network
|
ON Semiconductor
|
IRGP4066D-EPBF IRGP4066DPBF IRGP4066DPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
2SA1585S 2SB1424 A5800357 2SB1424Q 2SA1585SR |
TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low Vce(sat) Transistor (-20V, -3A) From old datasheet system Low VCE(sat) Transistor(低VCE(sat)晶体 Low Vce(sat) Transistor (-20V/ -3A)
|
ROHM[Rohm] Rohm CO.,LTD.
|
HGTP14N37G3VL HGT1S14N37G3VLS HGT1S14N37G3VLS9A |
TRANS IGBT CHIP N-CH 380V 25A 3TO-263AB 14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs TRANS PNP BIPOLAR 45V SOT323 TRANSISTOR | IGBT | N-CHAN | 380V V(BR)CES | 18A I(C) | TO-263AB TRANSISTOR PNP BIPOLAR 45V SOT23
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
BFS17W BFS17W. |
RF-Bipolar - For broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA RF-Bipolar NPN Type Transistors with transition frequency from 1 to 6 GHz NPN Silicon RF Transistor
|
INFINEON[Infineon Technologies AG]
|
IRG4PH40U |
41 A, 1200 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 2.43V,@和VGE \u003d 15V的,集成电路\u003d 21A条) INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V Vce(on)typ.=2.43V @Vge=15V Ic=21A) 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
GT15M321 |
INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
MJD18002D2 MJD18002D2T4 MJD18002D2T4G |
POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
|
ON Semiconductor
|
EMX28 |
Low frequency transistor, complex (2-elements) Bipolar Transistor
|
ROHM[Rohm]
|
BFP620FE7764 |
RF-Bipolar - NPN Silicon Germanium RF Transistor, high gain low noise RF transistor in flatlead package TSFP-4
|
Infineon
|